PART |
Description |
Maker |
HS8K1 |
30V Nch plus Nch Middle Power MOSFET
|
Rohm
|
RQ5E030AJ |
Nch 30V 3A Middle Power MOSFET
|
Rohm
|
RS1E200BN |
Nch 30V 20A Middle Power MOSFET
|
Rohm
|
RQ3E110AJ |
Nch 30V 24A Middle Power MOSFET
|
Rohm
|
QS8K2FRA |
30V Nch Nch Middle Power MOSFET
|
Rohm
|
HP8S36 |
30V Nch Nch Middle Power MOSFET
|
Rohm
|
RF6E065BN |
Nch 30V 6.5A Middle Power MOSFET
|
Rohm
|
SH8K25GZ0TB |
40V Nch Nch Middle MOSFET
|
ROHM
|
RQ5E035BN |
Nch 30V 3.5A Power MOSFET
|
Rohm
|
FAN1086D-2.85 FAN1086S-3.3 FAN1086S-2.5 FAN1086M-2 |
Neuron ICs; Max. Input Clock: 20 MHz; EEPROM: 2 KB; RAM: 2 KB; ROM: 16 KB; Package: 32 pin SOP; External Memory I/F: No ; Sensitivity dBµmV: 93 ~ 107; Package: SSOP16; Production Status: MP FETs Nch 30VFETs Nch 30VPhase Lock Loop; Dual or Single: Single; Features: Integer - N; Power Supply V: 2.4 ~ 3.5; ImA: 4.8; Input FMHz: 700 ~ 1800; Operating Freq-MHz: 5 ~ 25; Sensitivity dBµmV: 92 ~ 107; Package: SSOP10; Production Status: MP FETs Nch 30VFETs Nch 30VFETs Nch 30VMOSFETs - Nch VDSS=30V; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; R DS On (Ω): (max 0.018) (max 0.013) (max 0.012); I_S (A): (max 6) FETs Nch 30VFETs Nch 30VFETs Nch 30VFETs Nch 30VTHREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 积极的固定电压稳压器 FETs Nch 30V<VDSS=60V; ; Package: TO-3P(N); R DS On (O): (max 0.055) (max 0.03); I_S (A): (max 45) FETs Nch 30V<VDSS=60V; Surface Mount Type: N; Package: TO-220NIS; R DS On (O): (max 0.025) (max 0.017); I_S (A): (max 45)
|
|
2SCR293P5 |
Middle Power Transistors (30V / 1A)
|
Rohm
|
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|